Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG39921 Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 49Page - OSRAM GmbH TMG39921 Datasheet HTML 50Page - OSRAM GmbH TMG39921 Datasheet HTML 51Page - OSRAM GmbH TMG39921 Datasheet HTML 52Page - OSRAM GmbH TMG39921 Datasheet HTML 53Page - OSRAM GmbH TMG39921 Datasheet HTML 54Page - OSRAM GmbH TMG39921 Datasheet HTML 55Page - OSRAM GmbH TMG39921 Datasheet HTML 56Page - OSRAM GmbH TMG39921 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
APERS
3:0
ALS Interrupt Persistence. Controls rate of Clear channel interrupt to the
host processor.
FIELD VALUE
PERSISTENCE
0000
Every ALS cycle generates an interrupt
0001
Any value outside of threshold range
0010
2 consecutive values out of range
0011
3 consecutive values out of range
0100
5 consecutive values out of range
0101
10 consecutive values out of range
0110
15 consecutive values out of range
0111
20 consecutive values out of range
1000
25 consecutive values out of range
1001
30 consecutive values out of range
1010
35 consecutive values out of range
1011
40 consecutive values out of range
1100
45 consecutive values out of range
1101
50 consecutive values out of range
1110
55 consecutive values out of range
1111
60 consecutive values out of range
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96