| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG39921 Fiches technique(PDF) 42 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG39921 Fiches technique(HTML) 42 Page - OSRAM GmbH |
|
42 / 96 page ![]() ams Datasheet Page 41 [v1-06] 2018-Feb-27 Document Feedback TMG3992 − Detailed Description To reduce I2C traffic, the CONFIG_A8<PBINT2> interrupt bit is mirrored in the STATUS register, which primary contains device interrupt bits. If the interrupt enable bit, CONFIG_A0<PBIEN>, is set, then a hardware interrupt on the INT pin will assert. IRBeam interrupts are cleared PBCLEAR or AICLEAR. Figure 41: IRBeam Symbol Figure 42: IRBeam Symbol Loop ICONFIG<ISQZT> Symbol ICONFIG<ISQZT> ISLEN Symbol LDR OFF Delay, ISOFF Symbol Symbol Number of Loops, ISNL Symbol Loop LDR OFF LDR OFF LDR OFF |