Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG39921 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Fiches technique(HTML) 3 Page - OSRAM GmbH

  TMG39921 Datasheet HTML 1Page - OSRAM GmbH TMG39921 Datasheet HTML 2Page - OSRAM GmbH TMG39921 Datasheet HTML 3Page - OSRAM GmbH TMG39921 Datasheet HTML 4Page - OSRAM GmbH TMG39921 Datasheet HTML 5Page - OSRAM GmbH TMG39921 Datasheet HTML 6Page - OSRAM GmbH TMG39921 Datasheet HTML 7Page - OSRAM GmbH TMG39921 Datasheet HTML 8Page - OSRAM GmbH TMG39921 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − General Description
timing, looping, and IR intensity to maximize successful
barcode reception rate among the multitude of different
barcode scanner/readers currently in use globally.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMG3992, Gesture, Color, ALS, and
Proximity Sensor Module with mobeam™ Barcode Emulation
are listed below:
Figure 1:
Added Value of using TMG3992
Benefits
Features
• Single Device Integrated Optical
Solution
• Gesture Detection, Proximity, Color/ALS and IRBeam
Support
• Power Management Features
• Ambient Light Sensing
• UV and IR blocking filters
• Programmable Gain & Integration Time
• 16.7M:1 Dynamic Range
• Complex Gesture Sensing
• Four separate diodes sensitive to different directions
• Ambient Light Rejection
• Offset Compensation
• Programmable Driver for IR LED current
• 32 Dataset storage FIFO
• Interrupt Driven I²C Communication
• Ideal for Operation Behind Dark Glass
• Very High Sensitivity
• Proximity Detection
• Trimmed to provide consistent reading
• Ambient Light Rejection
• Proximity Offset Compensation
• Saturation Indicator bit
• Programmable Driver for IR LED current
• 98000:1 Dynamic Range
• Barcode Pattern Generation and
Transmission
• IRBeam Hardware Support
• Pattern Storage in Internal RAM
• Dual Use of a Single Internal LED
• Integrated LED driver with current control for both Proximity
and IRBeam



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96