Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG39921 Fiches technique(PDF) 37 Page - OSRAM GmbH

No de pièce TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Fiches technique(HTML) 37 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 33Page - OSRAM GmbH TMG39921 Datasheet HTML 34Page - OSRAM GmbH TMG39921 Datasheet HTML 35Page - OSRAM GmbH TMG39921 Datasheet HTML 36Page - OSRAM GmbH TMG39921 Datasheet HTML 37Page - OSRAM GmbH TMG39921 Datasheet HTML 38Page - OSRAM GmbH TMG39921 Datasheet HTML 39Page - OSRAM GmbH TMG39921 Datasheet HTML 40Page - OSRAM GmbH TMG39921 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Figure 37:
Directional Orientation
Pattern Burst Operation: IRBeam Mode
The optical pattern generation/transmission feature is
primarily intended for barcode transmission over IR, however,
it may be used for general purpose pattern generation in
applications that require as much as1024 bits of RAM pattern
depth. The following registers and control bits govern IRBeam
operation and the operational flow is depicted in Figure 39 and
Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96