Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG39921 Fiches technique(PDF) 62 Page - OSRAM GmbH

No de pièce TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Fiches technique(HTML) 62 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 58Page - OSRAM GmbH TMG39921 Datasheet HTML 59Page - OSRAM GmbH TMG39921 Datasheet HTML 60Page - OSRAM GmbH TMG39921 Datasheet HTML 61Page - OSRAM GmbH TMG39921 Datasheet HTML 62Page - OSRAM GmbH TMG39921 Datasheet HTML 63Page - OSRAM GmbH TMG39921 Datasheet HTML 64Page - OSRAM GmbH TMG39921 Datasheet HTML 65Page - OSRAM GmbH TMG39921 Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
ams Datasheet
Page 61
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Proximity South/West Offset
(POFFSET_SW 0x9E)
In Proximity mode, the South and West photodiodes are
connected forming a diode pair. The POFFSET_SW is an 8-bit
value used to scale an internal offset correction factor to
compensate for crosstalk in the application. This value is
encoded in sign/magnitude format.
Figure 62:
Proximity South/West Offset Register
765
432
1
0
POFFSET_SW
Field
Bits
Description
POFFSET_SW
7:0
Field Value
Offset Correction Factor
01111111
127
….
….
00000001
1
00000000
0
10000001
-1
10000010
-2
….
….
11111111
-127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96