Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG39921 Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Fiches technique(HTML) 5 Page - OSRAM GmbH

  TMG39921 Datasheet HTML 1Page - OSRAM GmbH TMG39921 Datasheet HTML 2Page - OSRAM GmbH TMG39921 Datasheet HTML 3Page - OSRAM GmbH TMG39921 Datasheet HTML 4Page - OSRAM GmbH TMG39921 Datasheet HTML 5Page - OSRAM GmbH TMG39921 Datasheet HTML 6Page - OSRAM GmbH TMG39921 Datasheet HTML 7Page - OSRAM GmbH TMG39921 Datasheet HTML 8Page - OSRAM GmbH TMG39921 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Pin Assignment
The TMG3992 pin assignments are described below.
Figure 3:
Pin Diagram
Figure 4:
Pin Description
(Top View)
Package drawing is not to scale.
Pin Number
Pin Name
Description
1
VDD
Supply voltage.
2
SCL
I²C serial clock input terminal.
3
GND
Ground. All voltages are referenced to GND.
4
LEDA
LED Anode.
5
LEDK
LED Cathode. Connect to LDR pin when using internal LED driver circuit.
6
LDR
LED drive. Current sink for LED.
7INT
Interrupt. Open drain output (active low) and logic level output for
external IR LED circuit.
8
SDA
I²C serial data I/O terminal.
Pin Assignment
6LDR
LEDA
4
SCL
2
VDD
1
GND
3
5LEDK
8SDA
7INT
TMD and TMG Package
NORTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96