Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Fiches technique(HTML) 5 Page - OSRAM GmbH

  AS7265X Datasheet HTML 1Page - OSRAM GmbH AS7265X Datasheet HTML 2Page - OSRAM GmbH AS7265X Datasheet HTML 3Page - OSRAM GmbH AS7265X Datasheet HTML 4Page - OSRAM GmbH AS7265X Datasheet HTML 5Page - OSRAM GmbH AS7265X Datasheet HTML 6Page - OSRAM GmbH AS7265X Datasheet HTML 7Page - OSRAM GmbH AS7265X Datasheet HTML 8Page - OSRAM GmbH AS7265X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Pin Assignments
The device pin assignments are described below.
Figure 3:
Pin Diagram of AS7265x (Top View)
Figure 4:
AS72651 Pin Description
Pin No.
Pin Name
Pin Type
Description
1
SLV1_RESN
Digital Input and Output
Reset pin for Slave 1 e.g. AS72652, active low
2
RESN
Digital Input
Reset pin, active low (with internal pull-up to
VDD)
3
SCK
Digital Output
SPI serial clock
4
MOSI
Digital Input and Output
SPI MOSI
5
MISO
Digital Input and Output
SPI MISO
6
CSN
Digital Output
Chip select for external flash
7
NC
Not functional, no connect
8
I2C_ENB
Digital Input
Selects UART (low) or I²C (high) operation
9
SCL_M
Digital Output
I²C master clock for communication with
AS72652 and AS72653
10
SDA_M
Digital Input and Output
I²C master data for communication with AS72652
and AS72653
Pin Assignments
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64