Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 28 Page - OSRAM GmbH

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Fiches technique(HTML) 28 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 24Page - OSRAM GmbH AS7265X Datasheet HTML 25Page - OSRAM GmbH AS7265X Datasheet HTML 26Page - OSRAM GmbH AS7265X Datasheet HTML 27Page - OSRAM GmbH AS7265X Datasheet HTML 28Page - OSRAM GmbH AS7265X Datasheet HTML 29Page - OSRAM GmbH AS7265X Datasheet HTML 30Page - OSRAM GmbH AS7265X Datasheet HTML 31Page - OSRAM GmbH AS7265X Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ams Datasheet
Page 27
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
4-Byte Floating-Point (FP) Registers
Several 4 byte registers (hex) are used by the AS72651. Here is
an example of how these registers are used to represent floating
point data (based on the IEEE 754 standard).
Figure 25:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a 23
bit fraction is (for the above example):
0 0 1 1 1 1 1 0
31
0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
3E (hex)
20 (hex)
00 (hex)
00 (hex)
byte 3
byte 2
byte 1
byte 0
0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
exponent (8 bits)
fraction (23 bits)
24 23
16 15
8 7
0
31
23
30
22
0
sign
= 0.15625
(EQ1)
FPvalue
1
–
()
sign
1b23 i
–
i1
–
23
2
i
–
⋅
+




2
e 127
–
()
⋅⋅
=
FPvalue
1
–
()
0
1b23 i
–
i1
–
23
2
i
–
⋅
+




2
124 127
–
()
⋅⋅
=
FPvalue
1
1 2
2
–
+
() 2
3
–
0.15625
=
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64