Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 39 Page - OSRAM GmbH

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Fiches technique(HTML) 39 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 35Page - OSRAM GmbH AS7265X Datasheet HTML 36Page - OSRAM GmbH AS7265X Datasheet HTML 37Page - OSRAM GmbH AS7265X Datasheet HTML 38Page - OSRAM GmbH AS7265X Datasheet HTML 39Page - OSRAM GmbH AS7265X Datasheet HTML 40Page - OSRAM GmbH AS7265X Datasheet HTML 41Page - OSRAM GmbH AS7265X Datasheet HTML 42Page - OSRAM GmbH AS7265X Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
Figure 48:
DEV SEL Register
Figure 49:
COEF DATA Register
Figure 50:
COEF READ Register
Addr: 0x4F
DEV SEL
Bit
Bit Name
Default
Access
Bit Description
5
SECOND
SLAVE
0
R
Second slave Available
5
FIRST SLAVE
0
R
First slave available
1:0
SELECT DATA
00
R/W
0x00: Select master data
0x01: Select first slave data
0x02: Select second slave data
Addr:
0x53,0x52,0x51,0x50
COEF DATA
Bit
Bit Name
Default
Access
Bit Description
31:24
COEF_DATA_
3
R/W
Data heap to read and write calibration data
23:16
COEF_DATA_
2
R/W
15:8
COEF_DATA_
1
R/W
7:0
COEF_DATA_
0
R/W
Addr:0x54
COEF READ
Bit
Bit Name
Default
Access
Bit Description
7:0
COEF_READ
R/W
Set sub addresses to read different calibration
data from COEF_DATA register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64