Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 22 Page - OSRAM GmbH

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Fiches technique(HTML) 22 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 18Page - OSRAM GmbH AS7265X Datasheet HTML 19Page - OSRAM GmbH AS7265X Datasheet HTML 20Page - OSRAM GmbH AS7265X Datasheet HTML 21Page - OSRAM GmbH AS7265X Datasheet HTML 22Page - OSRAM GmbH AS7265X Datasheet HTML 23Page - OSRAM GmbH AS7265X Datasheet HTML 24Page - OSRAM GmbH AS7265X Datasheet HTML 25Page - OSRAM GmbH AS7265X Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
ams Datasheet
Page 21
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Figure 22:
Bank Mode and Data Conversion
RC Oscillator
The timing generation circuit consists of on-chip 16MHz, tem-
perature compensated oscillators, which provide the individual
master clocks of the AS7625x devices
Temperature Sensor
The AS7265x internal temperature sensors are constantly mea-
suring on-chip temperature to enable temperature compensa-
tion procedures, and can be read via I²C registers or AT com-
mands in the AS72651.
BANK Mode 0
One Conversion
S, T, U, V, I, G, H, K, C, A, B, E
Integration Time
R, T, U, W, L, G, H, J, F, A, B, D
One Conversion
BANK Mode 1
Integration Time
1st Conversion
BANK Mode 2
Integration Time
2nd Conversion
Integration Time
S, T, U, V, I, G, H, K, C, A, B, E
R, T, U, W, L, G, H, J, F, A, B, D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64