| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7265X Fiches technique(PDF) 43 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7265X Fiches technique(HTML) 43 Page - OSRAM GmbH |
|
43 / 64 page ![]() Page 42 ams Datasheet Document Feedback [v1-04] 2018-Jul-09 AS7265x − Detailed Description Figure 57: UART Protocol AT Command Interface The microprocessor interface to control the AS72651 Spectral_ ID sensor(s) is via AT Commands across the UART interface. The AS72651 provides a text-based serial command interface bor- rowed from the “AT Command” model used in early Hayes mo- dems. For example: The AT Command Interface, shown below provides access to the Spectral_ID engine’s control and configuration functions. Figure 58: AT Command Interface Block Diagram Read DATA value: ATDATA → <data>OK Set the gain of the sensor to 1x: ATGAIN=0 → OK Start Bit TX D0 D1 D2 D3 D4 D5 D6 D7 D0 D0 D1 D2 D3 D4 D5 D6 D7 D0 Tbit=1/Baude Rate Stop Bit Next Start Sample Points Start Bit detected After Tbit/2: Sampling of Start Bit After Tbit: Sampling of Data RX Always Low Always High Data Bits AT Command Interface Spectral_ID Engine AT Command Interface RX MCU TX AS72651 AT Command Interface AT Commands |