Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 31 Page - OSRAM GmbH

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Fiches technique(HTML) 31 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 27Page - OSRAM GmbH AS7265X Datasheet HTML 28Page - OSRAM GmbH AS7265X Datasheet HTML 29Page - OSRAM GmbH AS7265X Datasheet HTML 30Page - OSRAM GmbH AS7265X Datasheet HTML 31Page - OSRAM GmbH AS7265X Datasheet HTML 32Page - OSRAM GmbH AS7265X Datasheet HTML 33Page - OSRAM GmbH AS7265X Datasheet HTML 34Page - OSRAM GmbH AS7265X Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
0x27
Calibrated value
channel V, K, E
CAL CHAN0_3
0x28
Calibrated value
channel W, L, F
CAL CHAN0_0
0x29
Calibrated value
channel W, L, F
CAL CHAN0_1
0x2A
Calibrated value
channel W, L, F
CAL CHAN0_2
0x2B
Calibrated value
channel W, L, F
CAL CHAN0_3
0x48
FW control
START
STOP
BYTES_
TRANSF
ERRED
LOCK
SWITC
H
BANK1
ERROR
CHKSU
M
0x49
FW byte count
FW_BYTE_COUNT_H
0x4A
FW byte count
FW_BYTE_COUNT_L
0x4B
FW payload
HW version H
0x4F
DEV SEL
Second
Slave
First
Slave
SELECT DATA
0x50
COEF DATA
COEF_DATA_0
0x51
COEF DATA
COEF_DATA_1
0x52
COEF DATA
COEF_DATA_2
0x53
COEF DATA
COEF_DATA_3
0x54
COEF READ
COEF_READ
0x55
COEF WRITE
COEF_WRITE
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64