| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS6424 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 75 page ![]() www.ti.com DESCRIPTION (CONTINUED) Reference INA_P INA_M CLKP CLKM VCM DCLKP DCLKM ADS644x SHA FCLKP FCLKM INB_P INB_M SHA SHA SHA INC_P INC_M IND_P IND_M PLL BIT Clock FRAME Clock DA0_P DA1_P DA0_M DA1_M DB0_P DB1_P DB0_M DB1_M DC0_P DC1_P DC0_M DC1_M DD0_P DD1_P DD0_M DD1_M Serial Interface Parallel Interface 14-Bit ADC 14-Bit ADC 14-Bit ADC 14-Bit ADC Digital Encoder and Serializer Digital Encoder and Serializer Digital Encoder and Serializer Digital Encoder and Serializer B0199-03 ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. The ADS644X has internal references, but can also support an external reference mode. The device is specified over the industrial temperature range (–40 °C to 85°C). 2 Submit Documentation Feedback |