Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS6424 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 49Page - STMicroelectronics ADS6424 Datasheet HTML 50Page - STMicroelectronics ADS6424 Datasheet HTML 51Page - STMicroelectronics ADS6424 Datasheet HTML 52Page - STMicroelectronics ADS6424 Datasheet HTML 53Page - STMicroelectronics ADS6424 Datasheet HTML 54Page - STMicroelectronics ADS6424 Datasheet HTML 55Page - STMicroelectronics ADS6424 Datasheet HTML 56Page - STMicroelectronics ADS6424 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
www.ti.com
S0166-04
CLKP
VCM
5kW
5kW
CLKM
VCM
ADS6xxx
S0167-05
CLKP
CLKM
DifferentialSine-Wave
orPECL orLVDSClockInput
ADS6xxx
0.1 F
m
0.1 F
m
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Figure 89. Internal Clock Buffer
Figure 90. Differential Clock Driving Circuit
Figure 91 shows a typical scheme using PECL clock drive from a CDCM7005 clock driver. SNR performance
with this scheme is comparable with that of a low jitter sine wave clock source.
53
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75