| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS6424 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 75 page ![]() www.ti.com White Cells – Sample N Grey Cells – Sample N + 1 0 (D0) 0 (D0) D13 (D3) D6 (D9) D6 (D9) D11 (D4) D11 (D4) D2 (D13) D2 (D13) D7 (D8) D7 (D8) 0 (D1) 0 (D1) D5 (D10) D4 (D11) D5 (D10) D4 (D11) D10 (D5) D10 (D5) D1 (0) D0 (0) D1 (0) D0 (0) D13 (D2) D12 (D3) D13 (D2) D12 (D3) D3 (D12) D3 (D12) D9 (D6) D8 (D7) D9 (D6) D8 (D7) DataBitinLSBFirstMode DataBitinMSBFirstMode OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 0 (D0) 0 (D1) D12 (D2) D13 (D3) D6 (D8) D7 (D9) D5 (D11) 0 (D0) 0 (D1) D12 (D2) D13 (D3) D10 (D4) D8 (D6) D11 (D5) D9 (D7) D4 (D10) D4 (D10) D5 (D11) D2 (D12) D0 (0) D10 (D4) D8 (D6) D11 (D5) D9 (D7) D6 (D8) D7 (D9) D2 (D12) D0 (0) D3 (D13) D1 (0) D3 (D13) D1 (0) OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 D7 (D0) D7 (D0) 0 (D8) 0 (D8) D3 (D4) D3 (D4) D11 (D12) D11 (D12) D6 (D1) D6 (D1) 0 (D9) 0 (D9) D2 (D5) D2 (D5) D10 (D13) D10 (D13) D5 (D2) D4 (D3) D5 (D2) D4 (D3) D13 (D10) D12 (D11) D13 (D10) D12 (D11) D1 (D6) D0 (D7) D1 (D6) D0 (D7) D9 (0) D8 (0) D9 (0) D8 (0) OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 DataRate=8 Fs ´ InputClock, CLKP/M Freq=Fs FrameClock, FCLKP/M Freq=1 Fs ´ BitClock SDR, DCLKP/M Freq=8 Fs ´ – BitClock DDR, DCLKP/M Freq=4 Fs ´ – T0226-02 ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 Figure 94. 2-Wire Interface 16 × Serialization 58 Submit Documentation Feedback |