Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS6424 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 67Page - STMicroelectronics ADS6424 Datasheet HTML 68Page - STMicroelectronics ADS6424 Datasheet HTML 69Page - STMicroelectronics ADS6424 Datasheet HTML 70Page - STMicroelectronics ADS6424 Datasheet HTML 71Page - STMicroelectronics ADS6424 Datasheet HTML 72Page - STMicroelectronics ADS6424 Datasheet HTML 73Page - STMicroelectronics ADS6424 Datasheet HTML 74Page - STMicroelectronics ADS6424 Datasheet HTML 75Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ADS6442IRGCR
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6442IRGCT
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6443IRGCR
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6443IRGCT
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6444IRGCR
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6444IRGCT
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6445IRGCR
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
ADS6445IRGCT
RGC
64
TAI
330
16
9.3
9.3
1.5
12
16
Q2
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
ADS6442IRGCR
RGC
64
TAI
342.9
336.6
28.58
ADS6442IRGCT
RGC
64
TAI
342.9
336.6
28.58
ADS6443IRGCR
RGC
64
TAI
342.9
336.6
28.58
ADS6443IRGCT
RGC
64
TAI
342.9
336.6
28.58
ADS6444IRGCR
RGC
64
TAI
342.9
336.6
28.58
ADS6444IRGCT
RGC
64
TAI
342.9
336.6
28.58
ADS6445IRGCR
RGC
64
TAI
342.9
336.6
28.58
ADS6445IRGCT
RGC
64
TAI
342.9
336.6
28.58
PACKAGE MATERIALS INFORMATION
www.ti.com
30-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75