| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS6424 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 75 page ![]() www.ti.com ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 ELECTRICAL CHARACTERISTICS (continued) Typical values are at 25 °C, min and max values are across the full temperature range T MIN = –40°C to TMAX = 85°C, AVDD = LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference mode (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ADS6445 93 ADS6444 94 Fin = 10 MHz ADS6443 96 ADS6442 97 ADS6445 73 87 ADS6444 88 Fin = 50 MHz ADS6443 77 90 ADS6442 79 92 ADS6445 87 ADS6444 74 88 Fin = 70 MHz ADS6443 90 ADS6442 92 ADS6445 89 ADS6444 Fin = 100 MHz 90 HD2 Second harmonic ADS6443 and ADS6442 87 dBc ADS6445 83 ADS6444 0 dB gain 84 ADS6443 and ADS6442 86 Fin = 170 MHz ADS6445 85 ADS6444 3.5 dB Coarse gain 86 ADS6443 and ADS6442 88 ADS6445 80 ADS6444 81 0 dB gain ADS6443 82 ADS6442 83 Fin = 230 MHz ADS6445 82 ADS6444 83 3.5 dB Coarse gain ADS6443 84 ADS6442 85 9 Submit Documentation Feedback |