| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS6424 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 75 page ![]() www.ti.com White Cells – Sample N Grey Cells – Sample N + 1 D13 (D0) D13 (D0) D6 (D7) D6 (D7) D6 (D0) D10 (D3) D10 (D3) D3 (D10) D3 (D10) D7 (D6) D7 (D6) D0 (D13) D0 (D13) D12 (D1) D12 (D1) D12 (D1) D12 (D1) D5 (D8) D5 (D8) D9 (D4) D9 (D4) D2 (D11) D2 (D11) D11 (D2) D11 (D2) D4 (D9) D4 (D9) D8 (D5) D8 (D5) D1 (D12) D1 (D12) D13 (D0) D13 (D0) DataBitinLSBFirstMode DataBitinMSBFirstMode OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 D12 (D0) D13 (D1) D12 (D0) D13 (D1) D6 (D6) D7 (D7) D6 (D6) D7 (D7) D0 (D12) D1 (D13) D0 (D12) D1 (D13) D10 (D2) D11 (D3) D10 (D2) D11 (D3) D10 (D2) D11 (D3) D4 (D8) D5 (D9) D4 (D8) D5 (D9) D8 (D4) D9 (D5) D8 (D4) D9 (D5) D2 (D10) D3 (D11) D2 (D10) D3 (D11) D12 (D0) D13 (D1) OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 D6 (D0) D13 (D7) D6 (D0) D13 (D7) D3 (D3) D10 (D10) D3 (D3) D10 (D10) D0 (D6) D7 (D13) D0 (D6) D7 (0) D5 (D1) D12 (D8) D5 (D1) D12 (D8) D5 (D1) D12 (D8) D2 (D4) D9 (D11) D2 (D4) D9 (D11) D4 (D2) D11 (D9) D4 (D2) D11 (D9) D1 (D5) D8 (D12) D1 (D5) D8 (0) D6 (D0) D13 (D7) OutputData DA0,DB0,DC0,DD0 OutputData DA1,DB1,DC1,DD1 DataRate=7 Fs ´ InputClock, CLK Freq=Fs FrameClock, FCLK Freq=1 Fs ´ BitClock – SDR, DCLK Freq=7 Fs ´ T0227-02 ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 Figure 95. 2-Wire Interface 14 × Serialization - SDR Bit Clock 60 Submit Documentation Feedback |