Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS640G Fiches technique(PDF) 67 Page - Advanced Micro Devices

No de pièce AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Fiches technique(HTML) 67 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 63Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 64Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 65Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 66Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 67Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 68Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 69Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 70Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
65
Data
Sheet
AC Characteristics
Notes:
1. Status reads in figure are shown as asynchronous.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is
complete, and Data# Polling will output true data.
3. AVD# must toggle between data reads.
Figure 27. Data# Polling Timings (During Embedded Algorithm)
Notes:
1. Status reads in figure are shown as asynchronous.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is
complete, the toggle bits will stop toggling.
3. AVD# must toggle between data reads.
Figure 28. Toggle Bit Timings (During Embedded Algorithm)
WE#
CE#
OE#
tOE
Addresses
AVD#
tOEH
tCE
tCH
tOEZ
tCEZ
Status Data
Status Data
tACC
VA
VA
Data
WE#
CE#
OE#
tOE
Addresses
Data
AVD#
tOEH
tCE
tCH
tOEZ
tCEZ
Status Data
Status Data
tACC
VA
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77