Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS640G Fiches technique(PDF) 51 Page - Advanced Micro Devices

No de pièce AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Fiches technique(HTML) 51 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 47Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 48Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 49Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 50Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 51Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 52Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 53Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 54Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
49
Data
Sheet
AC Characteristics
Notes:
1. Figure shows total number of wait states set to seven cycles. The total number of wait states can be programmed
from two cycles to seven cycles.
2. If any burst address occurs at a 64-word boundary, one additional clock cycle is inserted, and is indicated by RDY.
3. The device is in synchronous mode.
Figure 11. CLK Synchronous Burst Mode Read
(rising active CLK)
Da
Da + 1
Da + n
OE#
DQ15-DQ0
A21-A0
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tACC
tBDH
7 cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
12
3
4
5
6
7
tRDYS
tBACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77