Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17062 Fiches technique(PDF) 249 Page - Renesas Technology Corp

No de pièce UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Fiches technique(HTML) 249 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 245Page - Renesas Technology Corp UPD17062 Datasheet HTML 246Page - Renesas Technology Corp UPD17062 Datasheet HTML 247Page - Renesas Technology Corp UPD17062 Datasheet HTML 248Page - Renesas Technology Corp UPD17062 Datasheet HTML 249Page - Renesas Technology Corp UPD17062 Datasheet HTML 250Page - Renesas Technology Corp UPD17062 Datasheet HTML 251Page - Renesas Technology Corp UPD17062 Datasheet HTML 252Page - Renesas Technology Corp UPD17062 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 298 page
background image
247
µPD17062
Fig. 20-2
VRAM Data Configuration
20.4.1
ID Field
The ID field indicates the type of data in the data field.
The data field can hold the following three types of data.
(1) Character pattern select data
(2) Carriage return data
(3) Control data select data
Table 20-3
ID Field
20.4.2
Character Pattern Select Data
The character pattern is the data of an image displayed on a screen such as a TV screen. It is allocated
in the CROM area (at 0800H to 0F7FH) of program memory. The character pattern select data becomes part
(b9 to b4) of a CROM address. In other words, the 6 bits of data in the data field indicate b9 to b4 of the CROM
address.
CROM consists of BANK0 and BANK1. Note that even if the 6-bit VRAM data is the same, the CROM address
varies according to the value of the CROMBNK (b0 at 30H). If the data field contains a value of 0 (000000B),
the CROM address is 080
×H (10000000××××B) or 0C0×H (11000000××××B). Specifying the BANK of CROM
selects 080
×H or 0C0×H. Table 20-4 lists the CROM addresses that the VRAM character pattern select data
actually points to.
b7
b6
b5
b4
b3
b2
b1
b0
(b3)(b2)(b1)(b0)(b3)(b2)(b1)(b0)
ID field
Data field
Even address
Odd address
ID field
Type of data in the data field
b7
b6
0
0
Character pattern select data
0
1
Carriage return (return address) to BANK1 (from BANK1 to
BANK1, and from BANK2 to BANK1)
1
0
Control data
1
1
Carriage return (return address) to BANK2 (from BANK2 to
BANK2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More