| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 235 Page - Renesas Technology Corp |
|
235 / 298 page ![]() 233 µPD17062 19. A/D CONVERTER The µPD17062 contains a 4-bit program-controlled A/D converter that operates with a successive compari- son method. 19.1 PRINCIPLE OF OPERATION The A/D converter in the µPD17062 consists of a 4-bit resistor string-based D/A converter and comparator. The D/A converter is set with data using a 4-bit register (ADCR) mapped at peripheral address 02H. The result of comparison is judged according to the ADCCMP flag in the register file. Fig. 19-1 A/D Converter Configuration ADCCH ADCCH ADCCH AD 2 1 0 CCMP ADCR D/A converter Channel selector RF : 21H ADCCH (R/W) ADCCMP (R) Comparator ADC0 ADC1 ADC2 ADC3 ADC4 ADC5 Peripheral address: 02H ADCR (R/W) |