| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 178 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 178 Page - Renesas Technology Corp |
|
178 / 298 page ![]() 176 µPD17062 Example 2. ; & SKT1 FLG1 ; If FLG1 is set to 1, BR LCTUNE ST M1, R1 ; data is rewritten to M1 and M2 again. ST M2, R2 CLR1 FLG1 ; # LCTUNE : Initial reception ; The last channel is received. The channel indicated by the contents of M1 and M2 is received. MAIN : ; Main processing Channel change ; The changed channel is assigned to general-purpose ; registers R1 and R2. ; ( SET1 FLG1 ; FLG1 is set while rewriting the last channel. ; $ ST M1, R1 ; The channel is rewritten. ; % ST M2, R2 CLR1 FLG1 BR MAIN In this example, FLG1 is set when rewriting the last channel in $ and %. This allows data to be rewritten in & again even if CE reset is applied in %. |