Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17062 Fiches technique(PDF) 156 Page - Renesas Technology Corp

No de pièce UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Fiches technique(HTML) 156 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 152Page - Renesas Technology Corp UPD17062 Datasheet HTML 153Page - Renesas Technology Corp UPD17062 Datasheet HTML 154Page - Renesas Technology Corp UPD17062 Datasheet HTML 155Page - Renesas Technology Corp UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 298 page
background image
154
µPD17062
13.2
STANDBY FUNCTION
The standby function stops the whole or part of the operation of the device to reduce its current drain.
The standby function is divided into halt and clock stop functions.
The halt function uses a dedicated instruction (HALT h instruction) to stop the CPU in order to reduce the
required current drain.
The clock stop function uses a dedicated instruction (STOP s instruction) to stop the 8 MHz crystal oscillator
in order to reduce the current drain in the device.
To use these functions, it is necessary to specify a device operation mode at the CE pin.
Section 13.3 explains the device operation mode specified at the CE pin.
Sections 13.4 and 13.5 describe the halt and clock stop functions.
Remark For the
µPD17062, the operand s of the STOP s instruction must be 0000B. Therefore, the actual
instruction is: STOP 0000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More