| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 126 Page - Renesas Technology Corp |
|
126 / 298 page ![]() 124 µPD17062 11.9 MULTIPLE INTERRUPTS The multiple interrupt function is used to process interrupt C or D while another interrupt from source A or B is being processed as shown in Fig. 11-6. The interrupt depth at this time is called the interrupt level. Note the following regarding the multiple interrupt function. (1) Interrupt source priorities (2) Interrupt level restriction by an interrupt stack (3) Interrupt level restriction by the address stack register (4) System or control register saving See Sections 11.9.1 to 11.9.4 for details. Fig. 11-6 Example of Multiple Interrupts MAIN BD A B C Interrupt level 2 Main routine Interrupt level 1 |