| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K_CSG8K Fiches technique(PDF) 35 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K Fiches technique(HTML) 35 Page - ams AG |
|
35 / 113 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v1-00 • 2020-Dec-15 112 │ 34 Figure 31: State Chart: Sequential Operation Pipelined Operation The main property of pipelined operation is that the sensor can be in the EXPOSURE state and READOUT state at the same time. This basically means that the readout of frame N can be busy while the EXPOSURE state of frame N+1 has already started. The EXPOSURE can fully or partially overlap with a READOUT state. EXPOSURE GLOB IDLE RESET READOUT |