| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K_CSG8K Fiches technique(PDF) 57 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K Fiches technique(HTML) 57 Page - ams AG |
|
57 / 113 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v1-00 • 2020-Dec-15 112 │ 56 Figure 59: Color and Monochrome Binning Modes Figure 60 shows the active pixel readout area and corresponding output image properties in case of default ROI settings. Although the physical ROI on the pixel array is identical to the default 12-bit mode (IMG.4), the output image dimension is reduced by 50% in each dimension due to the binning operation. Figure 60: Recommended ROI Selection and Resulting Output Image Format in IMG.7 The binning mode still supports all ROI configurations, although some things have to be taken into account: ● YWINi.SIZE refers to the number of physical rows in the array that are accessed. The number of binned rows at the output is half of this number. ● The XSUBS setting should be increased by 1 compared to the default 12-bit mode. This is not needed for YWINi.SUBS settings. |