Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSG14K_CSG8K Fiches technique(PDF) 84 Page - ams AG

No de pièce CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Fiches technique(HTML) 84 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG CSG14K_CSG8K Datasheet HTML 84Page - ams AG CSG14K_CSG8K Datasheet HTML 85Page - ams AG CSG14K_CSG8K Datasheet HTML 86Page - ams AG CSG14K_CSG8K Datasheet HTML 87Page - ams AG CSG14K_CSG8K Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 83
Figure 100:
Vertical ROI Example (color mode)
Horizontal Subsampling
Figure 101:
Horizontal Subsampling Registers
Register Name
Bank
Addr
Bits
Description
XSUBS
4
22
[1:0]
Horizontal subsampling setting
Ratio = 1/(2XSUBS)
COLOR_MODE
4
4
[0]
0: Mono
1: Color
The sensor supports horizontal subsampling, reducing the amount of pixels per line to 1:2XSUBS. This
horizontal subsampling is applied to the whole array and not per ROI like vertical subsampling.
Depending on COLOR_MODE, pixel grouping is done to preserve the Bayer pattern.
Note: KSIZE should be set according to the formulas in section 7.5.4.
row 101
row 100
row 103
row 102
row 50
row 104
row 52
row 51
row 54
row 53
row 56
row 55
row 58
row 57
row 60
row 59
row 62
row 61
row 64
row 63
row 66
row 65
row 67
row read out
row skipped
FVAL
3
100
1
YWIN0
2
0
1
YWIN1
0 0 0 0 0 0 1 0 0 1
YWIN_ENA
5
200
0
YWIN2
6
50
3
YWIN3
DVAL
100
YADDR
101
104
58
59
66
67
50
51
ROI 3
ROI 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More