| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K_CSG8K Fiches technique(PDF) 7 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K Fiches technique(HTML) 7 Page - ams AG |
|
7 / 113 page ![]() Document Feedback CSG14K_CSG8K Pin Assignment Datasheet • PUBLIC DS000571 • v1-00 • 2020-Dec-15 112 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 3: Pin Diagram The center 8×8 pads have no functional use (internally not connected (NC)) and should be used for improved thermal conductance from the sensor to the camera. The four large corner pads are internally NC and needed for solderability. 3.2 Pin Description Figure 4: Pin Description of CSG14K_CSG8K Pin Number Pin Name Pin Type(1) Description C7, M2, S2, S7 VDD33 S Analog supply |