| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBJS Fiches technique(PDF) 100 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Fiches technique(HTML) 100 Page - Infineon Technologies AG |
|
100 / 209 page ![]() Datasheet 100 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Electrical specifications Figure 26-1 Example of a recommended circuit[61] WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current, or temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings. Protection Diode Current limiting resistor +B input Protection Diode VSS VDDIO Note 61.+B is the positive battery voltage around 45 V. |