| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBJS Fiches technique(PDF) 54 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Fiches technique(HTML) 54 Page - Infineon Technologies AG |
|
54 / 209 page ![]() Datasheet 54 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Interrupts and wake-up assignments 456 cpuss_interrupts_dw1_32_IRQn Active CPUSS P-DMA1, Channel #32 Interrupt 457 cpuss_interrupts_dw1_33_IRQn Active CPUSS P-DMA1, Channel #33 Interrupt 458 cpuss_interrupts_dw1_34_IRQn Active CPUSS P-DMA1, Channel #34 Interrupt 459 cpuss_interrupts_dw1_35_IRQn Active CPUSS P-DMA1, Channel #35 Interrupt 460 cpuss_interrupts_dw1_36_IRQn Active CPUSS P-DMA1, Channel #36 Interrupt 461 cpuss_interrupts_dw1_37_IRQn Active CPUSS P-DMA1, Channel #37 Interrupt 462 cpuss_interrupts_dw1_38_IRQn Active CPUSS P-DMA1, Channel #38 Interrupt 463 cpuss_interrupts_dw1_39_IRQn Active CPUSS P-DMA1, Channel #39 Interrupt 464 cpuss_interrupts_dw1_40_IRQn Active CPUSS P-DMA1, Channel #40 Interrupt 465 cpuss_interrupts_dw1_41_IRQn Active CPUSS P-DMA1, Channel #41 Interrupt 466 cpuss_interrupts_dw1_42_IRQn Active CPUSS P-DMA1, Channel #42 Interrupt 467 cpuss_interrupts_dw1_43_IRQn Active CPUSS P-DMA1, Channel #43 Interrupt 468 cpuss_interrupts_dw1_44_IRQn Active CPUSS P-DMA1, Channel #44 Interrupt 469 cpuss_interrupts_dw1_45_IRQn Active CPUSS P-DMA1, Channel #45 Interrupt 470 cpuss_interrupts_dw1_46_IRQn Active CPUSS P-DMA1, Channel #46 Interrupt 471 cpuss_interrupts_dw1_47_IRQn Active CPUSS P-DMA1, Channel #47 Interrupt 472 cpuss_interrupts_dw1_48_IRQn Active CPUSS P-DMA1, Channel #48 Interrupt 473 cpuss_interrupts_dw1_49_IRQn Active CPUSS P-DMA1, Channel #49 Interrupt 474 cpuss_interrupts_dw1_50_IRQn Active CPUSS P-DMA1, Channel #50 Interrupt 475 cpuss_interrupts_dw1_51_IRQn Active CPUSS P-DMA1, Channel #51 Interrupt 476 cpuss_interrupts_dw1_52_IRQn Active CPUSS P-DMA1, Channel #52 Interrupt 477 cpuss_interrupts_dw1_53_IRQn Active CPUSS P-DMA1, Channel #53 Interrupt 478 cpuss_interrupts_dw1_54_IRQn Active CPUSS P-DMA1, Channel #54 Interrupt 479 cpuss_interrupts_dw1_55_IRQn Active CPUSS P-DMA1, Channel #55 Interrupt 480 cpuss_interrupts_dw1_56_IRQn Active CPUSS P-DMA1, Channel #56 Interrupt 481 cpuss_interrupts_dw1_57_IRQn Active CPUSS P-DMA1, Channel #57 Interrupt 482 cpuss_interrupts_dw1_58_IRQn Active CPUSS P-DMA1, Channel #58 Interrupt 483 cpuss_interrupts_dw1_59_IRQn Active CPUSS P-DMA1, Channel #59 Interrupt 484 cpuss_interrupts_dw1_60_IRQn Active CPUSS P-DMA1, Channel #60 Interrupt 485 cpuss_interrupts_dw1_61_IRQn Active CPUSS P-DMA1, Channel #61 Interrupt 486 cpuss_interrupts_dw1_62_IRQn Active CPUSS P-DMA1, Channel #62 Interrupt 487 cpuss_interrupts_dw1_63_IRQn Active CPUSS P-DMA1, Channel #63 Interrupt 488 cpuss_interrupts_dw1_64_IRQn Active CPUSS P-DMA1, Channel #64 Interrupt 489 cpuss_interrupts_dw1_65_IRQn Active CPUSS P-DMA1, Channel #65 Interrupt 490 cpuss_interrupts_dw1_66_IRQn Active CPUSS P-DMA1, Channel #66 Interrupt 491 cpuss_interrupts_dw1_67_IRQn Active CPUSS P-DMA1, Channel #67 Interrupt 492 cpuss_interrupts_dw1_68_IRQn Active CPUSS P-DMA1, Channel #68 Interrupt 493 cpuss_interrupts_dw1_69_IRQn Active CPUSS P-DMA1, Channel #69 Interrupt 494 cpuss_interrupts_dw1_70_IRQn Active CPUSS P-DMA1, Channel #70 Interrupt 495 cpuss_interrupts_dw1_71_IRQn Active CPUSS P-DMA1, Channel #71 Interrupt 496 cpuss_interrupts_dw1_72_IRQn Active CPUSS P-DMA1, Channel #72 Interrupt 497 cpuss_interrupts_dw1_73_IRQn Active CPUSS P-DMA1, Channel #73 Interrupt 498 cpuss_interrupts_dw1_74_IRQn Active CPUSS P-DMA1, Channel #74 Interrupt Table 14-1 Peripheral interrupt assignments and wake-up sources (continued) Interrupt Source Power mode Description |