| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBJS Fiches technique(PDF) 86 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Fiches technique(HTML) 86 Page - Infineon Technologies AG |
|
86 / 209 page ![]() Datasheet 86 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Peripheral protection unit fixed structure pairs 449 TCPWM0_GRP2_CNT26_CNT 0x40390D00 0x00000080 TCPWM#0 Group #2, Counter #26 450 TCPWM0_GRP2_CNT27_CNT 0x40390D80 0x00000080 TCPWM#0 Group #2, Counter #27 451 TCPWM0_GRP2_CNT28_CNT 0x40390E00 0x00000080 TCPWM#0 Group #2, Counter #28 452 TCPWM0_GRP2_CNT29_CNT 0x40390E80 0x00000080 TCPWM#0 Group #2, Counter #29 453 TCPWM0_GRP2_CNT30_CNT 0x40390F00 0x00000080 TCPWM#0 Group #2, Counter #30 454 TCPWM0_GRP2_CNT31_CNT 0x40390F80 0x00000080 TCPWM#0 Group #2, Counter #31 455 EVTGEN0 0x403F0000 0x00001000 Event generator #0 456 SMIF0_MAIN 0x40400000 0x00040000 Serial Memory Interface #0 457 ETH0 0x40480000 0x00010000 Ethernet#0 458 LIN0_MAIN 0x40500000 0x00000008 LIN#0, main 459 LIN0_CH0_CH 0x40508000 0x00000100 LIN#0, Channel #0 460 LIN0_CH1_CH 0x40508100 0x00000100 LIN#0, Channel #1 461 CXPI0_MAIN 0x40510000 0x00000008 CXPI#0, main 462 CXPI0_CH0_CH 0x40518000 0x00000100 CXPI#0, Channel #0 463 CXPI0_CH1_CH 0x40518100 0x00000100 CXPI#0, Channel #1 464 CANFD0_CH0_CH 0x40520000 0x00000200 CAN#0, Channel #0 465 CANFD0_CH1_CH 0x40520200 0x00000200 CAN#0, Channel #1 466 CANFD1_CH0_CH 0x40540000 0x00000200 CAN#1, Channel #0 467 CANFD1_CH1_CH 0x40540200 0x00000200 CAN#1, Channel #1 468 CANFD0_MAIN 0x40521000 0x00000100 CAN#0 main 469 CANFD1_MAIN 0x40541000 0x00000100 CAN#1 main 470 CANFD0_BUF 0x40530000 0x00010000 CAN#0 buffer 471 CANFD1_BUF 0x40550000 0x00010000 CAN#1 buffer 472 SCB0 0x40600000 0x00010000 Serial Communication Block#0 473 SCB1 0x40610000 0x00010000 Serial Communication Block#1 474 SCB2 0x40620000 0x00010000 Serial Communication Block#2 475 SCB3 0x40630000 0x00010000 Serial Communication Block#3 476 SCB4 0x40640000 0x00010000 Serial Communication Block#4 477 SCB5 0x40650000 0x00010000 Serial Communication Block#5 478 SCB6 0x40660000 0x00010000 Serial Communication Block#6 479 SCB7 0x40670000 0x00010000 Serial Communication Block#7 480 SCB8 0x40680000 0x00010000 Serial Communication Block#8 481 SCB9 0x40690000 0x00010000 Serial Communication Block#9 482 SCB10 0x406A0000 0x00010000 Serial Communication Block#10 483 SCB11 0x406B0000 0x00010000 Serial Communication Block#11 484 TDM0_TDM_STRUCT0_TDM_TX_STRUCT_TX 0x40818000 0x00000100 TDM#0 TX Structure #0 485 TDM0_TDM_STRUCT1_TDM_TX_STRUCT_TX 0x40818200 0x00000100 TDM#0 TX Structure #1 486 TDM0_TDM_STRUCT2_TDM_TX_STRUCT_TX 0x40818400 0x00000100 TDM#0 TX Structure #2 487 TDM0_TDM_STRUCT3_TDM_TX_STRUCT_TX 0x40818600 0x00000100 TDM#0 TX Structure #3 488 TDM0_TDM_STRUCT0_TDM_RX_STRUCT_RX 0x40818100 0x00000100 TDM#0 RX Structure #0 489 TDM0_TDM_STRUCT1_TDM_RX_STRUCT_RX 0x40818300 0x00000100 TDM#0 RX Structure #1 490 TDM0_TDM_STRUCT2_TDM_RX_STRUCT_RX 0x40818500 0x00000100 TDM#0 RX Structure #2 491 TDM0_TDM_STRUCT3_TDM_RX_STRUCT_RX 0x40818700 0x00000100 TDM#0 RX Structure #3 492 SG0_SG_STRUCT0_TX 0x40828000 0x00000100 SG#0 TX Structure #0 493 SG0_SG_STRUCT1_TX 0x40828100 0x00000100 SG#0 TX Structure #1 Table 22-1 PPU fixed structure pairs (continued) Pair No. PPU Fixed Structure Pair Address Size Description |