| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBJS Fiches technique(PDF) 60 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Fiches technique(HTML) 60 Page - Infineon Technologies AG |
|
60 / 209 page ![]() Datasheet 60 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Trigger multiplexer Figure 16-2 Triggers one-to-one[42] PASS[0]: PASS0_CH_DONE_TR_OUT[0:31] P-DMA0: PDMA0_TR_IN[32, 35] P-DMA0: PDMA0_TR_IN[33, 36] P-DMA0: PDMA0_TR_IN[34, 37] One-To-One TriggerGroupNr = 0 One-To-One TriggerGroupNr = 1 One-To-One TriggerGroupNr = 2 One-To-One TriggerGroupNr = 3 One-To-One TriggerGroupNr = 4 PASS[0]: PASS0_CH_RANGEVIO_TR_OUT[0:31] TCPWM[0]16: TCPWM0_16_ONE-CNT_TR_IN[0:19] One-To-One TriggerGroupNr = 5 TCPWM[0]16M: TCPWM0_16M_ONE_CNT_TR_IN[0:11] PASS[0]: PASS0_CH_TR_IN[0:19] PASS[0]: PASS0_CH_TR_IN[20:31] P-DMA0: PDMA0_TR_IN[38:69] P-DMA0: PDMA0_TR_IN[70] P-DMA0: PDMA0_TR_IN[71] P-DMA0: PDMA0_TR_IN[72:73] P-DMA0: PDMA0_TR_IN[74:75] [0:1] [0:1] [0:1] 1 [0:31] 1 [0, 3] [1, 4] [2, 5] [6:37] [38] [39] [0:1] [0:1] [40:41] [42:43] P-DMA1: PDMA1_TR_IN[16, 18, … , 38] P-DMA1: PDMA1_TR_IN[17, 19, … , 39] P-DMA1: PDMA1_TR_IN[40, 43] P-DMA1: PDMA1_TR_IN[41, 44] P-DMA1: PDMA1_TR_IN[42, 45] P-DMA1: PDMA1_TR_IN[46] P-DMA1: PDMA1_TR_IN[47] P-DMA1: PDMA1_TR_IN[48:52] [0:11] [0:11] [0:1] [0:1] [0:1] 1 [0, 2, … , 22] [1, 3, … , 23] [24, 27] [25, 28] [26, 29] [30] 1 [31] [32:36] [0:4] 1 [0:4] 1 [37] [38:42] [43] P-DMA1: PDMA1_TR_IN[53] P-DMA1: PDMA1_TR_IN[54:58] P-DMA1: PDMA1_TR_IN[59] P-DMA1: PDMA1_TR_IN[60:63] NOCONNECT P-DMA1: PDMA1_TR_IN[68:71] P-DMA1: PDMA1_TR_IN[72:75] P-DMA1: PDMA1_TR_IN[76:80] P-DMA1: PDMA1_TR_IN[81:82] P-DMA1: PDMA1_TR_IN[83] [0:3] [44:47] [0:3] [48:51] [52:55] [0:3] [0:3] [0:4] [0:1] [56:59] [60:64] [65:66] 1 [67] [0:19] [20:31] [0:19] [20:31] [0:19] [0:11] [0:19] [20:31] CAN[1]: CAN1_DBG_TR_ACK[0:1] [40, 43] [0:1] CAN[0]: CAN0_DBG_TR_ACK[0:1] [32, 35] [0:1] One-To-One TriggerGroupNr = 6 LIN[0]: LIN0_CMD_TR_IN[0:1] [24:25] [0:1] One-To-One TriggerGroupNr = 7 CXPI[0]: CXPI0_CMD_TR_IN[0:1] [26:27] [0:1] P-DMA1: PDMA1_TR_OUT[0:83] P-DMA0: PDMA0_TR_OUT[0:75] CAN[0]: CAN0_DBG_TR_OUT[0:1] CAN[0]: CAN0_FIFO0_TR_OUT[0:1] CAN[0]: CAN0_FIFO1_TR_OUT[0:1] SMIF[0]: SMIF0_RX_TR_OUT SMIF[0]: SMIF0_TX_TR_OUT CXPI[0]: CXPI_TX_TR_OUT[0:1] CXPI[0]: CXPI_RX_TR_OUT[0:1] SCB[0:11]: SCB_TX_TR_OUT[0] SCB[0:11]: SCB_RX_TR_OUT[0] CAN[1]: CAN1_DBG_TR_OUT[0:1] CAN[1]: CAN1_FIFO0_TR_OUT[0:1] CAN[1]: CAN1_FIFO1_TR_OUT[0:1] SMIF[0]: SMIF1_RX_TR_OUT SMIF[0]: SMIF1_TX_TR_OUT MIXER[0]: MIXER0_TR_SRC_REQ_OUT[0:4] MIXER[0]: MIXER0_TR_DST_REQ_OUT MIXER[1]: MIXER1_TR_SRC_REQ_OUT[0:4] MIXER[1]: MIXER1_TR_DST_REQ_OUT NOCONNECT AXI_DMAC[0]: AXIDMA_TR_OUT[0:3] TDM[0]: TDM0_RX_TR_OUT[0:3] TDM[0]: TDM0_TX_TR_OUT[0:3] SG[0]: SG0_TR_COMPLETE[0:4] DAC[0]: AUDIODAC0_TX_TR_OUT PWM[0]: PWM0_TX_TR_OUT[0:1] TCPWM[0]16: TCPWM0_16_TR_OUT1[0:37] TCPWM[0]16M: TCPWM0_16M_TR_OUT1[0:11] TCPWM[0]32: TCPWM0_32_TR_OUT1[0:31] - Black number signifies TriggerInput - Blue number signifies TriggerOutput Note 42.The diagram shows only the TRIG_LABEL; the final trigger formation is based on the formula TRIG_{PREFIX(IN_1TO1/OUT_1- TO1)}_{x}_{TRIG_LABEL} and the information provided in Table 19-1. |