Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYT4DNJBJS Fiches technique(PDF) 64 Page - Infineon Technologies AG

No de pièce CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Fiches technique(HTML) 64 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 60Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 61Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 62Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 63Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 64Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 65Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 66Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 67Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 209 page
background image
Datasheet
64
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Triggers group inputs
84
SMIF0_RX_TR_OUT
SMIF0 RX trigger
85
SMIF1_TX_TR_OUT
SMIF1 TX trigger
86
SMIF1_RX_TR_OUT
SMIF1 RX trigger
87:90
AXIDMA_TR_OUT[0:3]
AXI M-DMA1 triggers
95:98
TDM0_TX_TR_OUT[0:3]
TDM0 TX trigger
99:102
TDM0_RX_TR_OUT[0:3]
TDM0 RX trigger
103:107
SG0_TX_TR_OUT[0:4]
SG0 TX trigger
108:109
PWM0_TX_TR_OUT[0:1]
PWM0 TX trigger
110
AUDIODAC0_TX_TR_OUT
AUDIO DAC0 TX trigger
111:115
MIXER0_TR_SRC_REQ_OUT[0:4]
MIXER0 SRC trigger
116
MIXER0_TR_DST_REQ_OUT
MIXER0 DST trigger
117:121
MIXER1_TR_SRC_REQ_OUT[0:4]
MIXER1 SRC trigger
122
MIXER1_TR_DST_REQ_OUT
MIXER1 DST trigger
123:170
HSIOM_IO_INPUT[0:47]
I/O inputs
171:172
CXPI_TX_TR_OUT[0:1]
CXPI0 TX trigger
173:174
CXPI_RX_TR_OUT[0:1]
CXPI0 RX trigger
MUX Group 12: Debug Reduction #3
1:84
PDMA1_TR_OUT[0:83]
General purpose P-DMA1 triggers
85:92
MDMA_TR_OUT[0:7]
M-DMA0 triggers
93:124
TCPWM0_32_TR_OUT1[0:31]
32-bit TCPWM0 counters
125:136
TCPWM0_16M_TR_OUT1[0:11]
16-bit Motor enhanced TCPWM0 counters
137:174
TCPWM0_16_TR_OUT1[0:37]
16-bit TCPWM0 counters
175:176
PASS_GEN_TR_OUT[0:1]
PASS0 SAR events
MUX Group 13: AXI M-DMA trigger multiplexer
1:4
TCPWM0_16_TR_OUT0[0:3]
16-bit TCPWM0 counters
5:8
TCPWM0_32_TR_OUT0[0:3]
32-bit TCPWM0 counters
9:12
AXIDMA_TR_OUT[0:3]
AXI M-DMA1 triggers
Table 17-1
Trigger inputs (continued)
Input
Trigger Label (TRIG_LABEL)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More