| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBJS Fiches technique(PDF) 36 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Fiches technique(HTML) 36 Page - Infineon Technologies AG |
|
36 / 209 page ![]() Datasheet 36 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Package pin list and alternate functions P28.3 L1 HSIO_ENH P28.4 L2 HSIO_ENH P28.5 L3 HSIO_ENH P29.0 B8 GPIO_ENH ADC[0]_18 P29.1 C8 GPIO_ENH ADC[0]_19 P30.0 T1 HSIO_STD P30.1 T2 HSIO_STD MIPI_DP2 W12 MIPI_DN2 Y12 MIPI_DN0 V13 MIPI_DP0 U13 MIPI_CKP Y14 MIPI_CKN W14 MIPI_REXT U14 MIPI_DP1 V15 MIPI_DN1 U15 MIPI_DN3 W16 MIPI_DP3 Y16 FPD0_TDN Y18 FPD0_TDP W18 FPD0_TCN V20 FPD0_TCP V19 FPD0_TCLKN U17 FPD0_TCLKP U18 FPD0_TBN T19 FPD0_TBP T20 FPD0_TAN R18 FPD0_TAP R17 FPD1_TAP P20 FPD1_TAN P19 FPD1_TBP N18 FPD1_TBN N17 FPD1_TCLKP M20 FPD1_TCLKN M19 FPD1_TCP L18 FPD1_TCN L17 FPD1_TDP K20 FPD1_TDN K19 DAC_AOUTS_R J17 DAC_COM_R J18 DAC_COM_L H18 DAC_AOUTS_L H17 PMIC_EN E19 PMIC_STATUS D19 XRES_L F18 Table 11-1 Pin selector and alternate pin functions in DeepSleep (DS) Mode, Analog, Smart I/O[36] (continued) Name Package I/O Type DeepSleep Mapping Analog/HV Smart I/O 327-BGA HCon#0 HCon#29[31] HCon#30 Pin DS#5[32, 33] DS#6 |