Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05RC17GRS/D Fiches technique(PDF) 80 Page - NXP Semiconductors

No de pièce HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Fiches technique(HTML) 80 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC17 — Rev. 2.0
Carrier Modulator Transmitter (CMT)
9.5.3 Extended Space Operation
In either time or FSK mode, the space period can be made longer than
the maximum possible value of SBUFF. Setting the EXSPC bit in the
MCSR will force the modulator to treat the next modulation period
(beginning with the next load of MBUFF/SBUFF) as a space period
equal in length to the mark and space counts combined. Subsequent
modulation periods will consist entirely of these extended space periods
with no mark periods. Clearing EXSPC will return the modulator to
standard operation at the beginning of the next modulation period. To
calculate the length of an extended space in time mode, use the
equation:
Where the subscripts 1, 2, ... n refer to the modulation periods that
elapsed while the EXSPC bit was set.
Similarly, to calculate the length of an extended space in FSK mode, use
the equation:
Where fcg is the frequency output from the carrier generator. For an
example of extended space operation, see Figure 9-6.
NOTE:
The EXSPC feature can be used to emulate a zero mark event.
Figure 9-6. Extended Space Operation
((SBUFF1)+(MBUFF2+1+SBUFF2) +... (MBUFFn+1+SBUFFn)) x 8
fosc
texspace =
secs
((SBUFF1)+(MBUFF2+1+SBUFF2)+... (MBUFFn+1+SBUFFn))
fcg
texspace =
secs
SET EXSPC
CLEAR EXSPC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More