Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05RC17GRS/D Fiches technique(PDF) 52 Page - NXP Semiconductors

No de pièce HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Fiches technique(HTML) 52 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 48Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 49Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
Resets
General Release Specification
MC68HC05RC17 — Rev. 2.0
Resets
5.5.2.4 COP Watchdog Timer Considerations
The COP watchdog timer is active in all modes of operation if enabled
by a mask option. If the COP watchdog timer is selected by a mask
option, any execution of the STOP instruction (either intentionally or
inadvertently due to the CPU being disturbed) causes the oscillator to
halt and prevents the COP watchdog timer from timing out. If the COP
watchdog timer is selected by a mask option, the COP resets the MCU
when it times out. Therefore, it is recommended that the COP watchdog
be disabled for a system that must have intentional uses of the wait
mode for periods longer than the COP time out period.
The recommended interactions and considerations for the COP
watchdog timer, STOP instruction, and WAIT instruction are
summarized in Table 5-1.
Table 5-1. COP Watchdog Timer Recommendations
IF the Following Conditions Exist:
THEN the COP Watchdog Timer
Should Be:
Wait Time
Wait Time Less than COP Time Out
Enable or Disable COP by Mask Option
Wait Time More than COP Time Out
Disable COP by Mask Option
Any Length Wait Time
Disable COP by Mask Option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More