| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05RC17GRS/D Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 128 page ![]() General Description Features MC68HC05RC17 — Rev. 2.0 General Release Specification General Description Figure 1-1. MC68HC05RC17 Block Diagram ÷ 2 ACCUMULATOR INDEX REGISTER STACK POINTER PROGRAM COUNTER CONDITION CODE REGISTER PHASE LOCK INTERNAL RESET COP CPU M68HC05 CPU ALU CPU REGISTERS CONTROL PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PROCESSOR CLOCK CORE TIMER SRAM — 352 BYTES ROM — 15,936 BYTES SYSTEM SYSTEM RTI SYSTEM IRQ 0 0 0 0 0 0 0 1 1 1 1 1 C Z N I H BURN-IN ROM — 64 BYTES LPRST IRO PC0 PC1 PC4* PC5* PC6* PC7* * Marked pins are available only in higher pin count (>28) packages. IRQEN IRQEN OSC2 V DD V SS OSC1 CARRIER MODULATOR TRANSMITTER LOOP XFC V DDSYN Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |