| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05RC17GRS/D Fiches technique(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Fiches technique(HTML) 69 Page - NXP Semiconductors |
|
69 / 128 page ![]() MC68HC05RC17 — Rev. 2.0 General Release Specification Carrier Modulator Transmitter (CMT) General Release Specification — MC68HC05RC17 Section 9. Carrier Modulator Transmitter (CMT) 9.1 Contents 9.2 Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .69 9.3 Overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70 9.4 Carrier Generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72 9.4.1 Time Counter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73 9.4.2 Carrier Generator Data Registers . . . . . . . . . . . . . . . . . . . .74 9.5 Modulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76 9.5.1 Time Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77 9.5.2 FSK Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79 9.5.3 Extended Space Operation . . . . . . . . . . . . . . . . . . . . . . . . .80 9.5.3.1 End-of-Cycle (EOC) Interrupt. . . . . . . . . . . . . . . . . . . . . .81 9.5.3.2 Modulator Control and Status Register . . . . . . . . . . . . . .82 9.5.4 Modulator Period Data Registers . . . . . . . . . . . . . . . . . . . .85 9.2 Introduction The carrier modulator transmitter (CMT) module provides a means to generate the protocol timing and carrier signals for a wide variety of encoding schemes. It incorporates hardware to off-load the critical and/or lengthy timing requirements associated with code generation from the CPU, releasing much of its bandwidth to handle other tasks such as code data generation, data decompression, or keyboard scanning. The CMT does not include dedicated hardware configurations for specific protocols but is intended to be sufficiently programmable in its function to handle the timing requirements of most protocols with Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |