| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05RC17GRS/D Fiches technique(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Fiches technique(HTML) 19 Page - NXP Semiconductors |
|
19 / 128 page ![]() General Description Mask Options MC68HC05RC17 — Rev. 2.0 General Release Specification General Description PB5PU — Port B5 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 5. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB4PU — Port B4 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 4. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB3PU — Port B3 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 3. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB2PU — Port B2 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 2. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB1PU — Port B1 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 1. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB0PU — Port B0 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 0. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt COPEN — COP Enable When the COP option is selected (COPEN = 1), the COP watchdog timer is enabled. When the COP option is deselected (COPEN = 0), the COP watchdog timer is disabled. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |