Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05RC17GRS/D Fiches technique(PDF) 58 Page - NXP Semiconductors

No de pièce HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Fiches technique(HTML) 58 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 60Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
Low-Power Modes
General Release Specification
MC68HC05RC17 — Rev. 2.0
Low-Power Modes
6.5 Low-Power Reset
Low-power reset mode is entered when a logic 0 is detected on the
LPRST pin. When in this mode (as long as LPRST is held low), the MCU
is held in reset and all internal clocks are halted. Applying a logic 1 to
LPRST will cause the part to exit low-power reset mode and begin
counting out the 4064-cycle oscillator stabilization period. Once this time
has elapsed, the MCU will begin operation from the reset vectors
($3FFE–$3FFF).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More