Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC2-HP Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics STWBC2-HP Datasheet HTML 34Page - STMicroelectronics STWBC2-HP Datasheet HTML 35Page - STMicroelectronics STWBC2-HP Datasheet HTML 36Page - STMicroelectronics STWBC2-HP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Hz =a0+a1.z−1+a2.z−2+a3.z−3
1+b1.z−1+b2.z−2+b3.z−3
To perform the required operation, the filtering machine has the following structure:
Figure 36. Phase modulator filter machine structures overview
The machine is based on a MAC (multiply-and-accumulate) and a set of registers to implement the samples
delay. The sequencer drives the MAC operation, selects the delayed sample to be processed and supplies the
coefficient. Filter coefficients are fixed but 4 sets exist for the HPF and LPF.
The corresponding frequency response is shown below:
Figure 37. LPF (Low Pass Filter) demodulator frequency response
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 33/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96