Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC2-HP Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 44Page - STMicroelectronics STWBC2-HP Datasheet HTML 45Page - STMicroelectronics STWBC2-HP Datasheet HTML 46Page - STMicroelectronics STWBC2-HP Datasheet HTML 47Page - STMicroelectronics STWBC2-HP Datasheet HTML 48Page - STMicroelectronics STWBC2-HP Datasheet HTML 49Page - STMicroelectronics STWBC2-HP Datasheet HTML 50Page - STMicroelectronics STWBC2-HP Datasheet HTML 51Page - STMicroelectronics STWBC2-HP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
Figure 51. BB-DCDC FSM state diagram overview
Note that some signals in the flow diagram may be not aligned with the RTL implementation.
2.2.7.11.1
FSM state overview
Here below are listed all the FSM states:
•
IDLE: enabling waiting state
•
CHECK: check feedback comparator and start a new cycle
•
REFRESH_GDB: refresh gate driver B
•
REFRESH_GDA: refresh gate driver A
•
PRECHARGE: charge the inductor for a fixed amount of time
•
CHARGE: charge the inductor for a variable time or up to max. peak current
•
PREDISCHARGE: discharge the inductor for fixed amount of time
•
DISCHARGE: discharge the inductor for a variable time
•
PROBE: probe the switching node to check inductor current reversal
2.2.7.11.2
Overcurrent case
When an overcurrent situation has been detected during the CHECK state, the charge and discharge timings are
updated systematically with a specific rule. The goal of this rule is to regulate the current information to stay at the
limit of overcurrent.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 48/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96