Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JJ7GRS/D Fiches technique(PDF) 188 Page - NXP Semiconductors

No de pièce HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Fiches technique(HTML) 188 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 184Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 185Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 186Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 187Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 188Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 189Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 190Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 191Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 230 page
background image
Instruction Set
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Instruction Set
14.2 Introduction
The MCU instruction set has 62 instructions and uses eight addressing
modes. The instructions include all those of the M146805 CMOS Family
plus one more: the unsigned multiply (MUL) instruction. The MUL
instruction allows unsigned multiplication of the contents of the
accumulator (A) and the index register (X). The high-order product is
stored in the index register, and the low-order product is stored in the
accumulator.
14.3 Addressing Modes
The CPU uses eight addressing modes for flexibility in accessing data.
The addressing modes provide eight different ways for the CPU to find
the data required to execute an instruction. The eight addressing modes
are:
•
Inherent
•
Immediate
•
Direct
•
Extended
•
Indexed, no offset
•
Indexed, 8-bit offset
•
Indexed, 16-bit offset
•
Relative
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More