Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JJ7GRS/D Fiches technique(PDF) 94 Page - NXP Semiconductors

No de pièce HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Fiches technique(HTML) 94 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.4.8 PB6/SDI Logic
The PB6/SDI pin can be used as a simple I/O port pin or be controlled
by the SIOP serial interface as shown in Figure 7-11. The operations of
PB6/SDI pin are summarized in Table 7-3.
Figure 7-11. PB6/SDI Pin I/O Circuit
DATA DIRECTION
REGISTER B
BIT DDRB6
PORT B DATA
REGISTER
BIT PB6
PULLDOWN
REGISTER B
BIT PDIB6
R
R
PB6
READ $0005
WRITE $0001
READ $0001
WRITE $0011
PULLDOWN
DEVICE
RESET
WRITE $0005
SDI
SERIAL ENABLE (SPE)
SERIAL DATA IN (SDI)
MASK OPTION REGISTER ($1FF1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More