Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JJ7GRS/D Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 230 page
background image
Interrupts
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Interrupts
4.4 Interrupt Processing
The CPU does the following actions to begin servicing an interrupt:
•
Stores the CPU registers on the stack in the order shown in
Figure 4-1
•
Sets the I bit in the condition code register to prevent further
interrupts
•
Loads the program counter with the contents of the appropriate
interrupt vector locations as shown in Table 4-1
The return from interrupt (RTI) instruction causes the CPU to recover its
register contents from the stack as shown in Figure 4-1. The sequence
of events caused by an interrupt is shown in the flow chart in Figure 4-2.
$0020
(Bottom of RAM)
$0021
$00BE
$00BF
$00C0
(Bottom of Stack)
$00C1
$00C2
Unstacking
Order
⇓
n
Condition Code Register
5
1
n+1
Accumulator
4
2
n+2
Index Register
3
3
n+3
Program Counter (High Byte)
2
4
n+4
Program Counter (Low Byte)
1
5
⇑
Stacking
$00FD
Order
$00FE
$00FF
Top of Stack (RAM)
Figure 4-1. Interrupt Stacking Order
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More