Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JJ7GRS/D Fiches technique(PDF) 44 Page - NXP Semiconductors

No de pièce HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Fiches technique(HTML) 44 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 230 page
background image
Central Processor Unit (CPU)
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Central Processor Unit (CPU)
3.8 Arithmetic/Logic Unit (ALU)
The ALU performs the arithmetic and logical operations defined by the
instruction set. The binary arithmetic circuits decode instructions and set
up the ALU for the selected operation. Most binary arithmetic is based
on the addition algorithm, carrying out subtraction as negative addition.
Multiplication is not performed as a discrete operation but as a chain of
addition and shift operations within the ALU. The multiply instruction
(MUL) requires 11 internal clock cycles to complete this chain of
operations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More