| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705P6AGRS/D Fiches technique(PDF) 111 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Fiches technique(HTML) 111 Page - NXP Semiconductors |
|
111 / 134 page ![]() General Release Specification Instruction Types MC68HC705P6A — Rev. 1.0 General Release Specification Instruction Set 13.4.5 Control Instructions These instructions act on CPU registers and control CPU operation during program execution. Table 13-5. Control Instructions Instruction Mnemonic Clear Carry Bit CLC Clear Interrupt Mask CLI No Operation NOP Reset Stack Pointer RSP Return from Interrupt RTI Return from Subroutine RTS Set Carry Bit SEC Set Interrupt Mask SEI Stop Oscillator and Enable IRQ Pin STOP Software Interrupt SWI Transfer Accumulator to Index Register TAX Transfer Index Register to Accumulator TXA Stop CPU Clock and Enable Interrupts WAIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |