| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705P6AGRS/D Fiches technique(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Fiches technique(HTML) 107 Page - NXP Semiconductors |
|
107 / 134 page ![]() General Release Specification Instruction Types MC68HC705P6A — Rev. 1.0 General Release Specification Instruction Set 13.4.2 Read-Modify-Write Instructions These instructions read a memory location or a register, modify its contents, and write the modified value back to the memory location or to the register. NOTE: Do not use read-modify-write operations on write-only registers. 1. Unlike other read-modify-write instructions, BCLR and BSET use only direct addressing. 2. TST is an exception to the read-modify-write sequence be- cause it does not write a replacement value. Table 13-2. Read-Modify-Write Instructions Instruction Mnemonic Arithmetic Shift Left (Same as LSL) ASL Arithmetic Shift Right ASR Bit Clear BCLR(1) Bit Set BSET(1) Clear Register CLR Complement (One’s Complement) COM Decrement DEC Increment INC Logical Shift Left (Same as ASL) LSL Logical Shift Right LSR Negate (Two’s Complement) NEG Rotate Left through Carry Bit ROL Rotate Right through Carry Bit ROR Test for Negative or Zero TST(2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |