| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705P6AGRS/D Fiches technique(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Fiches technique(HTML) 23 Page - NXP Semiconductors |
|
23 / 134 page ![]() MC68HC705P6A — Rev. 1.0 General Release Specification Memory General Release Specification — MC68HC705P6A Section 2. Memory 2.1 Contents 2.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 2.3 User Mode Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 2.4 Bootloader Mode Memory Map . . . . . . . . . . . . . . . . . . . . . . . .24 2.5 Input/Output and Control Registers . . . . . . . . . . . . . . . . . . . . .25 2.6 RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28 2.7 EPROM/ROM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28 2.8 Mask Option Register (MOR) $1EFF–$1F00 . . . . . . . . . . . . . .28 2.9 COP Clear Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29 2.2 Introduction The MC68HC705P6A utilizes 13 address lines to access an internal memory space covering 8 Kbytes. This memory space is divided into I/O, RAM, ROM, and EPROM areas. 2.3 User Mode Memory Map When the MC68HC705P6A is in the user mode, the 32 bytes of I/O, 176 bytes of RAM, 4608 bytes of user EPROM, 48 bytes of user page zero EPROM, 239 bytes of bootloader ROM, and 16 bytes of user vectors EPROM are all active as shown in Figure 2-1. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |